Part Number Hot Search : 
CM10EX ML6190A C3372 010JTF49 DILM8 S0400 5225B L3015
Product Description
Full Text Search
 

To Download G121X1-L02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
TFT LCD Preliminary Specification
MODEL NO.: G121X1-L02
Customer: Approved by: Note:
FOR MORE INFORMATION: AZ DISPLAYS, INC. 75 COLUMBIA, ALISO VIEJO, CA 92656 Http://www.AZDISPLAYS.com
Liquid Crystal Display Division QRA Division. OA Head Division. Approval Approval
1 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
- CONTENTS REVISION HISTORY 1. GENERAL DESCRIPTION
1.1 OVERVIEW 1.2 FEATURES 1.3 APPLICATION 1.4 GENERAL SPECIFICATIONS 1.5 MECHANICAL SPECIFICATIONS -------------------------------------------------------------------------------------------------------------
3 4
2. ABSOLUTE MAXIMUM RATINGS
2.1 ABSOLUTE RATINGS OF ENVIRONMENT 2.2 ELECTRICAL ABSOLUTE RATINGS 2.2.1 TFT LCD MODULE 2.2.2 BACKLIGHT UNIT
-------------------------------------------------------
6
3. ELECTRICAL CHARACTERISTICS
3.1 TFT LCD MODULE 3.2 BACKLIGHT UNIT
-------------------------------------------------------
7
4. BLOCK DIAGRAM
4.1 TFT LCD MODULE 4.2 BACKLIGHT UNIT
-------------------------------------------------------
11
5. INPUT TERMINAL PIN ASSIGNMENT
5.1 TFT LCD MODULE 5.2 BACKLIGHT UNIT 5.3 TIMING DIAGRAM OF LVDS INPUT SIGNAL 5.4 COLOR DATA INPUT ASSIGNMENT
-------------------------------------------------------
12
6. INTERFACE TIMING
6.1 INPUT SIGNAL TIMING SPECIFICATIONS 6.2 POWER ON/OFF SEQUENCE
-------------------------------------------------------
14
7. OPTICAL CHARACTERISTICS
7.1 TEST CONDITIONS 7.2 OPTICAL SPECIFICATIONS
-------------------------------------------------------
16
8. PACKAGING
8.1 PACKING SPECIFICATIONS 8.2 PACKING METHOD
-------------------------------------------------------
20
9. DEFINITION OF LABELS 10. PRECAUTIONS
10.1 ASSEMBLY AND HANDLING PRECAUTIONS 10.2 SAFETY PRECAUTIONS
-------------------------------------------------------------------------------------------------------------
22 23
11. MECHANICAL CHARACTERISTICS
-------------------------------------------------------
24
2 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
REVISION HISTORY
Version 1.0 Date July. 2.2008 Section All Description G121X1-L02 Preliminary SPEC was first issued
3 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
1. GENERAL DESCRIPTION
1.1 OVERVIEW
The G121X1-L02 model is a 12.1" TFT-LCD module with a 2-CCFL Backlight Unit and a 20-pin 1ch-LVDS interface. This module supports 1024 x 768 XGA mode and displays 262,144 colors. The inverter module for the Backlight Unit is not built in.
1.2 FEATURES
- Wide viewing angle - High contrast ratio - Fast response time - XGA (1024 x 768 pixels) resolution - Wide operating temperature - DE (Data Enable) mode - LVDS (Low Voltage Differential Signaling) interface - RoHS Compliance - Lamp Replaceable - Sunlight Readable
1.3 APPLICATION
- TFT LCD Monitor - TFT LCD TV - Industrial Application - Amusement - Vehicle
1.4 GENERAL SPECIFICATI0NS
Item Diagonal Size Active Area Bezel Opening Area Driver Element Pixel Number Pixel Pitch Pixel Arrangement Display Colors Transmissive Mode Surface Treatment Specification 12.1 245.76(H) x 184.32(V) 249.0 x 187.5 a-si TFT active matrix 1024 x R.G.B. x 768 0.240(H) x 0.240(V) RGB vertical stripe 262,144 Normally white Hard coating (3H), Glare Unit inch mm mm pixel mm color Note (1) -
4 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
1.5 MECHANICAL SPECIFICATIONS
Item Horizontal (H) Module Size Vertical (V) Depth (D) Weight I/F connector mounting position Max. 260.8 204.3 (12.75) (700) The mounting inclination of the connector makes the screen center within 0.5mm as the horizontal. Min. 260.2 203.7 (12.15) Typ. 260.5 204 (12.45) Unit mm mm mm g Note (1) (2)
Note (1) Please refer to the attached drawings for more information of front and back outline dimensions. (2) Connector mounting position
+/- 0.5mm
5 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
2. ABSOLUTE MAXIMUM RATINGS
2.1 ABSOLUTE RATINGS OF ENVIRONMENT
Test Item High Temperature Storage Test Low Temperature Storage Test Thermal Shock Storage Test High Temperature Operation Test Low Temperature Operation Test High Temperature & High Humidity Operation Test Shock (Non-Operating) Vibration (Non-Operating) Test Condition 85C, 240 hours -40C, 240 hours -30C, 0.5hour/o 80J , 0.5hour; 1hour/cycle,100cycles 80C, 240 hours -30C, 240 hours 60C, 90%RH, 240hours 200G, 2ms, half sine wave, 1 time for X, Y, Z. 1.5G, 10 ~ 300 Hz, 10min/cycle, 3 cycles each X, Y, Z (3) (3) Note
(1)(2)
Note (1) There should be no condensation on the surface of panel during test. Note (2) Temperature of panel display surface area should be 90 C Max. Note (3) At testing Vibration and Shock, the fixture in holding the module has to be hard and rigid enough so that the module would not be twisted or bent by the fixture. Note (4) In the standard conditions, there is no function failure issue occurred. All the cosmetic specification is judged before the reliability test
2.2 ELECTRICAL ABSOLUTE RATINGS 2.2.1 TFT LCD MODULE
Item Power Supply Voltage Logic Input Voltage Symbol Vcc VIN Value Min. -0.3 -0.3 Max. 4.0 2.7 Unit V V Note (1)
2.2.2 BACKLIGHT UNIT
Item Lamp Voltage Lamp Current Lamp Frequency Symbol VL IL FL Value Min. 2.0 45 Max. 2.5K 8.5 80 Unit VRMS mARMS KHz Note (1), (2), IL = (8)mA (1), (2)
Note (1) Permanent damage to the device may occur if maximum values are exceeded. Function operation should be restricted to the conditions described under Normal Operating Conditions. Note (2) Specified values are for lamp (Refer to 3.2 for further information).
6 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
3. ELECTRICAL CHARACTERISTICS
3.1 TFT LCD MODULE
Parameter Power Supply Voltage Ripple Voltage Rush Current White Black LVDS differential input voltage LVDS common input voltage Power Supply Current function. Note (2) Measurement Conditions: Symbol Vcc VRP IRUSH Vid Vic Min. 3.0 -100 Value Typ. 3.3 350 510 1.2 Max. 3.6 100 1.0 490 650 +100 Ta = 25 2 C Unit V mV A mA mA mV V Note (2) (3)a (3)b -
Note (1) The module is recommended to operate within specification ranges listed above for normal
+3.3V Q1 2SK1475 Vcc C3 FUSE R1 47K 1uF (LCD Module Input)
(High to Low) (Control Signal) R2 SW 1K +12V
Q2 2SK1470
VR1 C1
47K
C2
0.01uF 1uF
Vcc rising time is 470s
+3.3V
0.9Vcc 0.1Vcc
GND 470s
7 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
Note (3) The specified power supply current is under the conditions at Vcc = 3.3 V, Ta = 25 2 C, fv = 60 Hz, whereas a power dissipation check pattern below is displayed. a. White Pattern b. Black Pattern
Active Area
Active Area
8 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
3.2 BACKLIGHT UNIT
Parameter Lamp Input Voltage Lamp Current Lamp Turn On Voltage Operating Frequency Lamp Life Time Power Consumption Symbol VL IL VS FL LBL PL Min. 450 2.0 45 50000 Value Typ. 500 8.0 4.0 Max. 550 8.5 1010 1200 80 Unit VRMS mARMS VRMS VRMS KHz Hrs W Note IL =8mA (1) 25 C, (2) 0 C, (2) (3) (5), IL =8mA (4), IL =8mA
Note (1) Lamp current is measured by utilizing high-frequency current meters as shown below: HV (Pink) LV (White)
1 2
A A
LCD Module
Inverter
HV (Pink) LV (White) 1 2 A Ta = 25 2 C
Current Meter YOKOGAWA 2016
Note (2) The voltage that must be larger than Vs should be applied to the lamp for more than 1 second after startup. Otherwise the lamp may not be turned on. Note (3) The lamp frequency may produce interference with horizontal synchronization frequency from the display, which might cause line flow on the display. In order to avoid interference, the lamp frequency should be detached from the horizontal synchronization frequency and its harmonics as far as possible. Note (4) PL = IL N VL Note (5) The lifetime of lamp can be defined as the time in which it continues to operate under the condition Ta = 25 O 2 oC and IL = 2.0 ~ 8.0 mArms until one of the following events occurs: (a) When the brightness becomes or lower than 50% of its original value. (b) When the effective ignition length becomes or lowers than 80% of its original value. (Effective ignition length is defined as an area that has less than 70% brightness compared to the brightness in the center point.) Note (6) The waveform of the voltage output of inverter must be area-symmetric and the design of the inverter must have specifications for the modularized lamp. The performance of the Backlight, such as lifetime or brightness, is greatly influenced by the characteristics of the DC-AC inverter for the lamp. All the parameters of an inverter should be carefully designed to avoid producing too much current leakage from high voltage output of the inverter. When designing or ordering the inverter please make sure that a poor lighting caused by the mismatch of the Backlight and the inverter (miss-lighting, flicker, etc.) never occurs. If the above situation is confirmed, the module should be operated in the same manners when it is installed in your instrument.
9 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
The output of the inverter must have symmetrical (negative and positive) voltage waveform and symmetrical current waveform. (Unsymmetrical ratio is less than 10%) Please do not use the inverter which has unsymmetrical voltage and unsymmetrical current and spike wave. Lamp frequency may produce interface with horizontal synchronous frequency and as a result this may cause beat on the display. Therefore lamp frequency shall be as away possible from the horizontal synchronous frequency and from its harmonics in order to prevent interference.
Requirements for a system inverter design, which is intended to have a better display performance, a better power efficiency and a more reliable lamp. It shall help increase the lamp lifetime and reduce its leakage current. a. The asymmetry rate of the inverter waveform should be 10% below; b. The distortion rate of the waveform should be within O 2 10%;
c. The ideal sine wave form shall be symmetric in positive and negative polarities. * Asymmetry rate:
Ip
| I p - I -p | / Irms * 100%
I -p
* Distortion rate I p (or I -p) / Irms
10 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
4. BLOCK DIAGRAM
4.1 TFT LCD MODULE
RX0(+/-) RX1(+/-) RX2(+/-) RXC(+/-)
INPUT CONNECTOR (STARCONN 076B20-0048RA-G4 or JAE-FI-SEB20P-HFE)
SCAN DRIVER IC
LVDS INPUT / TIMING CONTROLLER
TFT LCD PANEL
(1024x R.G.B.x768)
DATA DRIVER IC DC/DC CONVERTER & REFERENCE VOLTAGE
Vcc GND
VL
LAMP CONNECTOR (JST BHR-03VS-1)
BACKLIGHT UNIT
4.2 BACKLIGHT UNIT
1 HV(Pink) 2 LV(White)
1 HV(Pink) 2 LV(White)
11 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
5. INPUT TERMINAL PIN ASSIGNMENT
5.1 TFT LCD MODULE
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Name VCC_IN VCC_IN GND GND RX0RX0+ GND RX1RX1+ GND RX2RX2+ GND CLKCLK+ GND NA NA GND GND Description Power Supply (3.3V ) Power Supply (3.3 V) Ground Ground Differential Data Input, CH0 (Negative ) Differential Data Input, CH0 ( Positive ) Ground Differential Data Input, CH1 ( Negative ) Differential Data Input , CH1 ( Positive ) Ground Differential Data Input , CH2 ( Negative ) Differential Data Input , CH2 ( Positive ) Ground Differential Clock Input ( Negative ) Differential Clock Input ( Positive ) Ground Non-connection Non-connection Ground Ground Remark
R0 ~ R5, G0
G1 ~ G5, B0, B1
B2 ~ B5, DE, Hsync, Vsync
LVDS Level Clock
Note (1) Connector Part No.: STARCONN 076B20-0048RA-G4 or JAE FI-SEB20P-HFE or equivalent. Note (2) Mating Connector Part No.: JAE-FI-SE20M, FI-S20S or equivalent. Note (3) The first pixel is odd. Note (4) Input signal of even and odd clock should be the same timing.
12 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
5.2 BACKLIGHT UNIT
Pin 1 2 3 Symbol HV NA LV Description High Voltage NA Low Voltage Remark Pink White
Note (1) Connector Part No.: JST BHR-03VS-1 or equivalent Note (2) User's connector Part No.: JST SM03(4.0)B-BHS-1-TB or equivalent
5.3 COLOR DATA INPUT ASSIGNMENT
The brightness of each primary color (red, green and blue) is based on the 6-bit gray scale data input for the color. The higher the binary input, the brighter the color. The table below provides the assignment of color versus data input. Data Signal Red Green Blue R5 R4 R3 R2 R1 R0 G5 G4 G3 G2 G1 G0 B5 B4 B3 B2 B1 B0 Black 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Red 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 Green 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 Basic Blue 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 Colors Cyan 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 Magenta 1 1 1 1 1 1 0 0 0 0 0 0 1 1 1 1 1 1 Yellow 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 White 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Red(0)/Dark 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Red(1) 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 Gray Red(2) 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 Scale : : : : : : : : : : : : : : : : : : : Of : : : : : : : : : : : : : : : : : : : Red Red(61) 1 1 1 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 Red(62) 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 Red(63) 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 Green(0)/Dark 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Green(1) 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 Gray Green(2) 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 Scale : : : : : : : : : : : : : : : : : : : Of : : : : : : : : : : : : : : : : : : : Green Green(61) 0 0 0 0 0 0 1 1 1 1 0 1 0 0 0 0 0 0 Green(62) 0 0 0 0 0 0 1 1 1 1 1 0 0 0 0 0 0 0 Green(63) 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 Blue(0)/Dark 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Blue(1) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 Gray Blue(2) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 Scale : : : : : : : : : : : : : : : : : : : Of : : : : : : : : : : : : : : : : : : : Blue Blue(61) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 1 Blue(62) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 0 Blue(63) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 Color Note (1) 0: Low Level Voltage, 1: High Level Voltage
13 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
6. INTERFACE TIMING
6.1 INPUT SIGNAL TIMING SPECIFICATIONS
The input signal timing specifications are shown as the following table and timing diagram. Item Symbol Min. Typ. Max. Unit Note Frequency Fc 57.5 64.9 74.4 MHz DCLK Period Tc 13.4 15.4 17.3 ns Frame Rate Fr 56 60 75 Hz Total Tv 774 806 848 Th Tv=Tvd+Tvb Vertical Active Display Term Display Tvd 768 768 768 Th Blank Tvb Tv-Tvd 38 Tv-Tvd Th Total Th 1240 1344 1464 Tc Th=Thd+Thb Horizontal Active Display Term Display Thd 1024 1024 1024 Tc Blank Thb Th-Thd 320 Th-Thd Tc NoteG (1) Because this module is operated by DE only mode, Hsync and Vsync input signals should be set to low logic level or ground. Otherwise, this module would operate abnormally. Signal
INPUT SIGNAL TIMING DIAGRAM
14 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
6.2 POWER ON/OFF SEQUENCE
To prevent a latch-up or DC operation of LCD module, the power on/off sequence should follow the conditions shown in the following diagram.
Power Supply VCC
0V 0.5msT110ms 0T250ms 0T350ms 500msT4
0.9 VCC 0.1VCC
0.9 VCC 0.1VDD
T1
T3
T2
T4
Signals
0V
VALID
Power On
Power Off
Backlight (Recommended)
200msT5 200msT6 T5
50%
50%
T6
Power ON/OFF Sequence Note (1) Please avoid floating state of interface signal at invalid period. Note (2) When the interface signal is invalid, be sure to pull down the power supply of LCD Vcc to 0 V. Note (3) The Backlight inverter power must be turned on after the power supply for the logic and the interface signal is valid. The Backlight inverter power must be turned off before the power supply for the logic and the interface signal is invalid.
15 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
7. OPTICAL CHARACTERISTICS
7.1 TEST CONDITIONS
Item Ambient Temperature Ambient Humidity Supply Voltage Input Signal Inverter Current Inverter Driving Frequency Inverter Symbol Value Unit o Ta C 252 Ha %RH 5010 VCC 5.0 V According to typical value in "3. ELECTRICAL CHARACTERISTICS" IL 8.0 mA FL 61 KHz Sumida H05-5052
7.2 OPTICAL SPECIFICATIONS
The relative measurement methods of optical characteristics are shown in 7.2. The following items should be measured under the test conditions described in 7.1 and stable environment shown in Note (5).
Item Symbol Condition Min. Typ. Max. Unit Note
Red Color Chromaticity Green Blue White Center Luminance of White Contrast Ratio Response Time White Variation Horizontal Viewing Angle Vertical
Rx Ry Gx Gy Bx By Wx Wy LC CR TR TF W x+ xY+ Y-
x=0, Y =0 CS-1000
x=0, Y =0 x=0, Y =0 CR10
(0.595) (0.339) (0.317) (0.531) Typ + Typ 0.03 (0.152) 0.03 (0.123) (0.308) (0.318) (380) (450) (500) (700) (6) (11) (17) (22) (1.25) (1.4) (70) (80) (70) (80) (70) (80) (70) (80)
ms ms Deg.
(1), (5)
(4), (5) (2), (5) (3) (5), (6) (1), (5)
16 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
Note (1) Definition of Viewing Angle (x, y): Normal x = y = 0 yX- = 90 xx- x+ y+ 12 o'clock direction y+ y+ = 90
6 o'clock y- = 90
y-
x+
X+ = 90
Note (2) Definition of Contrast Ratio (CR): The contrast ratio can be calculated by the following expression. Contrast Ratio (CR) = L63 / L0 L63: Luminance of gray level 63 L 0: Luminance of gray level 0 CR = CR (5) CR (X) is corresponding to the Contrast Ratio of the point X at Figure in Note (6).
Note (3) Definition of Response Time (TR, TF) and measurement method:
Gray Level 63
100% 90%
Gray Level 63
Optical Response Gray Level 0
10% 0%
Time TR TF
66.67 ms
66.67 ms
17 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
Note (4) Definition of Luminance of White (LC): Measure the luminance of gray level 63 at center point LC = L (5) L (x) is corresponding to the luminance of the point X at Figure in Note (6).
Note (5) Measurement Setup: The LCD module should be stabilized at given temperature for 20 minutes to avoid abrupt temperature change during measuring. In order to stabilize the luminance, the measurement should be executed after lighting Backlight for 20 minutes in a windless room.
LCD Module LCD Panel Center of the Screen USB-2000 CS-1000
Field of View = 2
Light Shield Room
500 mm
(Ambient Luminance < 2 lux)
18 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
Note (6) Definition of White Variation (W): Measure the luminance of gray level 63 at 5 points W = Maximum [L (1), L (2), L (3), L (4), L (5)] Minimum [L (1), L (2), L (3), L (4), L (5)]
Horizontal Line D
D/4 D/2 3D/4
Vertical Line
W/4
1
2 X
W
W/2
5
: Test Point X=1 to 5
3W/
3
4
Active Area
19 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
8. PACKAGING
8.1 PACKING SPECIFICATIONS
(1) 15pcs LCD modules / 1 Box (2) Box dimensions: 461 (L) X 362 (W) X 314 (H) mm (3) Weight: approximately 11.15Kg (15 modules per box)
8.2 PACKING METHOD
(1) Carton Packing should have no failure in the following reliability test items. Test Item Test Conditions ISTA STANDARD Random, Frequency Range: 2 - 200 Hz Top & Bottom: 30 minutes (+Z), 10 min (-Z), Right & Left: 10 minutes (X) Back & Forth 10 minutes (Y) 1 Angle, 3 Edge, 6 Face, 61 cm Note
Vibration
Non Operation
Dropping Test
Non Operation
Figure. 8-1 Packing method
20 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
Sea Transportation
Air Transportation
Figure. 8-2 Packing method
21 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
9. DEFINITION OF LABELS
9.1 CMO MODULE LABEL
The barcode nameplate is pasted on each module as illustration, and its definitions are as following explanation.
(a) Model Name: G121X1-L01 (b) Revision: Rev. XX, for example: A0, A1... B1, B2... or C1, C2...etc. (c) CMO barcode definition: Serial ID: XX-XX-X-XX-YMD-L-NNNN Code XX XX X YMD L NNNN Product line # Serial number Meaning CMO internal use Revision CMO internal use Year, month, day Description Cover all the change Year: 2001=1, 2002=2, 2003=3, 2004=4... Month: 1~12=1, 2, 3, ~, 9, A, B, C Day: 1~31=1, 2, 3, ~, 9, A, B, C, ~, W, X, Y, exclude I, O, U. Line 1=1, Line 2=2, Line 3=3, ...etc. Manufacturing sequence of product
22 / 25
Version 1.0
Issued Date: July. 2, 2008 Model No.: G121X1-L02
Preliminary
10. PRECAUTIONS
10.1 ASSEMBLY AND HANDLING PRECAUTIONS
(1) Do not apply rough force such as bending or twisting to the module during assembly. (2) To assemble or install module into user's system can be only in clean working areas. The dust and oil may cause electrical short or worsen the polarizer. (3) It's not permitted to have pressure or impulse on the module because the LCD panel and Backlight will be damaged. (4) Always follow the correct power sequence when LCD module is connecting and operating. This can prevent damage to the CMOS LSI chips during latch-up. (5) Do not pull the I/F connector in or out while the module is operating. (6) Do not disassemble the module. (7) Use a soft dry cloth without chemicals for cleaning, because the surface of polarizer is very soft and easily scratched. (8) It is dangerous that moisture come into or contacted the LCD module, because moisture may damage LCD module when it is operating. (9) High temperature or humidity may reduce the performance of module. Please store LCD module within the specified storage conditions. (10) When ambient temperature is lower than 10C may reduce the display quality. For example, the response time will become slowly, and the starting voltage of CCFL will be higher than room temperature.
10.2 SAFETY PRECAUTIONS
(1) The startup voltage of Backlight is approximately 1000 Volts. It may cause electrical shock while assembling with inverter. Do not disassemble the module or insert anything into the Backlight unit. (2) If the liquid crystal material leaks from the panel, it should be kept away from the eyes or mouth. In case of contact with hands, skin or clothes, it has to be washed away thoroughly with soap. (3) After the module's end of life, it is not harmful in case of normal operation and storage.
23 / 25
Version 1.0


▲Up To Search▲   

 
Price & Availability of G121X1-L02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X